PART |
Description |
Maker |
LTC2311 |
Single 16-Bit/14-Bit/12-Bit, 5Msps/2Msps, Serial, High Speed SAR ADCs
|
Linear Technology
|
LTC2321 |
Dual 16-Bit/14-Bit/12-Bit, 5Msps/2Msps, Serial, High Speed SAR ADCs
|
Linear Technology
|
1402 LTC1402CGNTR LTC1402IGNTRPBF LTC1402CGNTRPBF |
Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
|
Linear Technology, Corp.
|
MAX11106ATB MAX11111ATB MAX11111ATBT |
2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
|
MAXIM - Dallas Semiconductor
|
LTC1595 LTC1595BCS LTC1596-1CCN LTC1596BIN LTC1596 |
Serial 16-Bit Multiplying DACs Serial 16-Bit Multiplying DACs SERIAL INPUT LOADING, 1 us SETTLING TIME, 16-BIT DAC, PDIP8 Serial 16-Bit Multiplying DACs SERIAL INPUT LOADING, 1 us SETTLING TIME, 16-BIT DAC, PDIP16 8-Bit, 40 kSPS ADC Serial-Out, On-Chip 12-Ch. Analog Mux, 11 Ch. 20-PDIP From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology] http://
|
74F676PC 74F676SC 74F676SPC 74F676 |
SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 5 A, Pin Plunger Actuator, Solder Termination F/FAST SERIES, 16-BIT RIGHT PARALLEL IN SERIAL OUT SHIFT REGISTER, TRUE OUTPUT, PDIP24 16-Bit Serial/Parallel-In / Serial-Out Shift Register 16-Bit Serial/Parallel-In, Serial-Out Shift Register
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
LTC2321HUFD-12PBF LTC2321CUFD-12TRPBF |
Dual, 12-Bit Sign, 2Msps Differential Input ADC with Wide Input Common Mode Range
|
Linear Technology
|
MAX1203BC/D MAX1202BC/D MAX1202AEPP MAX1202BCAP |
5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE 8-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 Scan Test Devices With 18-Bit Bus Transceivers 56-SSOP -40 to 85 DIODE VOLTAGE SUPPRESSOR 170V 5v / 8-cHANNEL / sERIAL / 12-bIT adcS WITH 3v dIGITAL iNTERFACE
|
Maxim Integrated Products, Inc.
|
MAX552 MAX551ACUB MAX551BEUB MAX551 MAX551ACPA MAX |
3V/ 5V, 12-Bit, Serial, Multiplying DACs in 10-Pin レMAX Package SERIAL INPUT LOADING, 0.08 us SETTLING TIME, 12-BIT DAC, PDIP8 3V/ 5V / 12-Bit / Serial / Multiplying DACs in 10-Pin MAX Package 3V/ 5V, 12-Bit, Serial, Multiplying DACs in 10-Pin μMAX Package 3V/ 5V 12-Bit Serial Multiplying DACs in 10-Pin MAX Package 3V/ 5V, 12-Bit, Serial, Multiplying DACs in 10-Pin MAX Package
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
MAX1239MEEE MAX1239KEEET MAX1239EEE MAX1237KEUA |
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs 2.7V to 3.6V and 4.5V to 5.5V / Low-Power / 4-/12-Channel / 2-Wire Serial / 12-Bit ADCs 2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs 12-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:25-35
|
Maxim Integrated Produc... Maxim Integrated Products, Inc.
|
LTC2356-1209 LTC2356CMSE-12TRPBF LTC2356IMSE-12PBF |
Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown Serial 12-Bit, 3.5Msps Sampling ADC with Shutdown; Package: MSOP; No of Pins: 10; Temperature Range: 0°C to 70°C 1-CH 14-BIT PROPRIETARY METHOD ADC, SERIAL ACCESS, PDSO10
|
Linear Technology, Corp.
|
|